Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16153AECT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16153AECT
Description  nanoPower Supervisor and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16153AECT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16153AECT Datasheet HTML 1Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 2Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 3Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 4Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 5Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 6Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 7Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 8Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings
VCC to GND.............................................................. -0.3V to +6V
WDI, WD_EN to GND................................... -0.3V to VCC + 0.3V
WDO, RST to GND................................................... -0.3V to +6V
Maximum Current, Any Pin (input/output) ........................... 20mA
Continuous Power Dissipation (WLP) (TA = +70°C, derate 10.5
mW/°C above +70°C) ....................................................... 840mW
Continuous Power Dissipation (SOT23) (TA = +70°C, derate
8.70mW/°C above +70°C) ................................................696mW
Operating Temperature Range ...........................-40°C to +125°C
Junction Temperature ....................................................... +150°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Package Information
6 WLP
Package Code
U6+1
Outline Number
21-0058
Land Pattern Number
90-0175
Thermal Resistance, Four-Layer Board:
Junction-to-Ambient (θJA)
115
Junction-to-Case Thermal Resistance (θJC)
80
6 SOT23
Package Code
W60C1+2
Outline Number
21-100258
Land Pattern Number
—
Thermal Resistance, Four-Layer Board:
Junction-to-Case Thermal Resistance (θJC)
95
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages.
Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different
suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/
thermal-tutorial.
MAX16152/MAX16153/
MAX16154/MAX16155
nanoPower Supervisor and Watchdog Timer
www.maximintegrated.com
Maxim Integrated | 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com