Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16153AECT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16153AECT
Description  nanoPower Supervisor and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16153AECT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16153AECT Datasheet HTML 1Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 2Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 3Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 4Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 5Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 6Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 7Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 8Page - Maxim Integrated Products MAX16153AECT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Characteristics (continued)
((VCC = 1.2V to 5.5V, TA = -40ºC to +125ºC. Limits over the operating temperature range and relevant supply voltage range are
guaranteed by production test and/or characterization. Typical values are at TA = +25ºC and VCC = VTH + 150mV.))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Manual Reset Input to
Reset Output Delay
tMRD
250
ns
Input Leakage Current
MR, WDI, WD_EN. Input connected GND
or VCC
-1
+1
µA
Note 1: In addition to the specified tolerance, tRP has an uncertainty of ±4ms due to the power-up delay of internal blocks.
MAX16152/MAX16153/
MAX16154/MAX16155
nanoPower Supervisor and Watchdog Timer
www.maximintegrated.com
Maxim Integrated | 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com