Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16154DECT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16154DECT
Description  nanoPower Supervisor and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16154DECT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16154DECT Datasheet HTML 5Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 6Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 7Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 8Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 9Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 10Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 11Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 12Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Pin Description
PIN
NAME
FUNCTION
MAX1615
2
MAX1615
3
MAX1615
4
MAX1615
5
A3
1
A3
1
VCC
Supply Voltage. VCC is the power supply input and the
monitoring input. Bypass with a 0.1μF capacitor to GND.
A2
2
A2
2
GND
Ground
A1
3
A1
3
WDI
Watchdog Input. If WDI remains either high or low for the
duration of the watchdog timeout period (tWD), WDO pulses low
for the watchdog output pulse width, tWDO. The internal
watchdog timer clears whenever RST is de-asserted or
whenever WDI sees a falling edge.
B1
4
B1
4
WDO
Watchdog Output. WDO pulses low for the watchdog output
pulse width, tWDO, when the internal watchdog times out.
WDO is an open-drain output and requires a pull-up resistor.
B2
5
—
—
MR
Manual Reset Input. Drive MR low to manually reset the device.
RST remains asserted for the reset timeout period after MR is
released. MR is internally pulled up to VCC with a TBDkΩ
resistor.
—
—
B2
5
WD_EN
Watchdog Enable Input. Drive WD_EN high to enable the
watchdog timer. Drive WD_EN low to disable the watchdog
timer.
B3
6
B3
6
RST
Reset Output. RST asserts when VCC falls below the factory-set
threshold. When VCC goes above VTH+ VHYS, RST remains
asserted for the reset timeout period tRP and then de-
asserts. RST is an open-drain output and requires a pull up
resistor.
MAX16152/MAX16153/
MAX16154/MAX16155
nanoPower Supervisor and Watchdog Timer
www.maximintegrated.com
Maxim Integrated | 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com