Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16154DECT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16154DECT
Description  nanoPower Supervisor and Watchdog Timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16154DECT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16154DECT Datasheet HTML 1Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 2Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 3Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 4Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 5Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 6Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 7Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 8Page - Maxim Integrated Products MAX16154DECT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX16152/MAX16153/MAX16154/MAX16155 ultra-
low-current supervisory circuits monitor a single system
supply voltage and the integrity of code execution by a
microprocessor or microcontroller. These supervisors as-
sert the reset output whenever the VCC supply voltage is
greater than the minimum operating voltage, but less than
the reset threshold. After the supply voltage rises above
the reset threshold, the reset output remains asserted for
the reset timeout period, and then de-asserts. Reset volt-
age thresholds are available from 1.50V to 5.0V in approx-
imately 100mV increments.
A watchdog timer circuit monitors microprocessor or mi-
crocontroller activity. During normal operation, the micro-
processor or microcontroller should repeatedly toggle the
watchdog input (WDI) before the supervisor’s watchdog
timeout period elapses to confirm that the system is exe-
cuting code properly. If the microprocessor or microcon-
troller does not provide a valid watchdog input transition
before the timeout period expires, the supervisor asserts
a watchdog (WDO) output to signal that the system is
not executing code as expected. The watchdog output
pulse can be used to reset the microprocessor or micro-
controller, or it may be used to interrupt the system to
warn of execution errors. The MAX16152 and MAX16153
feature a manual reset input (MR) to allow an external
pushbutton or logic signal to initiate a reset pulse. The
MAX16154 and MAX16155 feature a logic input (WD_EN)
that allows the system to enable and disable the watchdog
function.
The MAX16152 and MAX16154 are offered in a 0.86mm
x 1.27mm 6-bump WLP, while the MAX16153 and
MAX16155 are offered in 6-pin SOT23 package. All de-
vices operate over the -40ºC to +125ºC temperature
range.
Applications
● Portable/Battery-Powered Equipment
● Tablets/e-Readers/Mobile Devices
● Glucose Monitors/Patient Monitor
● Metering
Benefits and Features
● 400nA (typ) Supply Current
● 1.2V to 5.5V Operating Supply Range
● Monitors Supply Voltage and Provides System Reset
Signal
● 1.5V to 5V Input Threshold Range in 100mV
Increments
● Watchdog Function Detects Faulty Code Execution
● Open-Drain Reset and Watchdog Outputs
● Watchdog Timer Enable Input
● 6-Bump WLP Package
● 6-Pin SOT23 Package
● -40°C to +125°C Operating Temperature Range
Ordering Information appears at end of data sheet.
Click here for production status of specific part numbers.
MAX16152/MAX16153/
MAX16154/MAX16155
nanoPower Supervisor and Watchdog Timer
EVALUATION KIT AVAILABLE
19-100532; Rev 0; 4/2019


Similar Part No. - MAX16154DECT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1615 MAXIM-MAX1615 Datasheet
92Kb / 8P
High-Voltage, Low-Power Linear Regulators for Notebook Computers
19-1225; Rev 2; 1/98
MAX16150 MAXIM-MAX16150 Datasheet
713Kb / 17P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
MAX16150AUT+T MAXIM-MAX16150AUT+T Datasheet
713Kb / 17P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
MAX16150AWT+T MAXIM-MAX16150AWT+T Datasheet
713Kb / 17P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
MAX16150BUT+T MAXIM-MAX16150BUT+T Datasheet
713Kb / 17P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
More results

Similar Description - MAX16154DECT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1946 TI-UCC1946 Datasheet
105Kb / 6P
Microprocessor Supervisor with Watchdog Timer
logo
Maxim Integrated Produc...
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
logo
Texas Instruments
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
logo
Texas Instruments
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com