Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD5F1GQ4REFIS Datasheet(PDF) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4REFIS
Description  SPI(x1/x2/x4) NAND Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFIS Datasheet(HTML) 22 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFIS Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
SPI(x1/x2/x4) NAND Flash
1G
22
9
Read ID
9.1 Read ID
(9FH)
The READ ID command is used to identify the NAND Flash device.
• With address 00H~01H, the READ ID command outputs the Manufacturer ID and the device ID. See Table 4 for
details.
Figure9-1_1. Read ID Sequence Diagram(Address 00h)
Command
0
1
2
3
4
5
6
7
9FH
CS#
SCLK
SI
SO
High-Z
8
9 10 11
Address 00h
MSB
18 19 20 21
17
6
5
4
3
2
1
0
22 23
16
26 27 28 29
25
30 31
24
7
Device ID
CS#
SCLK
SI
SO
MSB
Manufacturer ID
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
12 13 14 15
Figure9-1_2. Read ID Sequence Diagram(Address 01h)
Command
0
1
2
3
4
5
6
7
9FH
CS#
SCLK
SI
SO
High-Z
8
9 10 11
Address 01h
MSB
18 19 20 21
17
6
5
4
3
2
1
0
22 23
16
26 27 28 29
25
30 31
24
7
Device ID
CS#
SCLK
SI
SO
MSB
Manufacturer ID
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com