Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD5F1GQ4REFIS Datasheet(PDF) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4REFIS
Description  SPI(x1/x2/x4) NAND Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFIS Datasheet(HTML) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFIS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFIS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
SPI(x1/x2/x4) NAND Flash
1G
58
22 REVISION HISTORY
Version No
Description
Date
Page
1.0
1. Initial Release
2. Add RESET function description with ch12.2
3. Add RESET# pin on Connection Diagram ch2.2
4. Add/Update read ID/UID/CID/parameter page on ch9.
2017-06-14
1.1
Add parameter page CRC value
2017-07-14
1.2
Modify Package WSON8 (6*8mm)
2017-07-20
1.3
Modify the Number of Figure and Table
Modify some typo of Read Operation Sequence Diagram
Modify Package ‘R’ description
Reduce the size of parameter page device model table
Modify Read CID command sequence description
Add automatically read first page of fist block to cache after
RESET (FFH)
2017-09-01
1.4
Add the Note article 4 of Page Program
2017-10-23
1.5
Add the chapter of Valid Part Numbers
2017-11-03
1.6
Add the description of 1Gb SLC NAND Flash
Add the description of Reliability
Delete Valid Part Number of GD5FQ4UE9IG
Modify the Figure of Program Load Sequence Diagram typo
Modify the package of LGA8
2017-12-11
1.7
Modify the package of WSON8,SOP16 300mil,TFBGA24
Modify the typo of LGA8
Add a note for Figure7-1
2017-12-27
1.8
Add LGA8 package description for hardware reset section
2018-1-16
1.9
Modify some typo
Add Temperature Range J:Industrial(-40
℃ to 105℃) and related
description
Change Memory Mapping CA from <12:0> to <11:0>,RA from
<17:6> to <16:6>
Add a figure to description Read ID sequence
Add page size 2048bytes + 64bytes with ECC enabled
Modify figure 10-1,10-2,10-4,10-5,10-6 Byte from 4352 or 2176 to
2176/2112, and add a note to explain
Change Parameter page table Byte 105-106 and 108-109,and
change CRC Value
Merge chapters 2.1 and 20.1
Change the description of protection with WP# Pin
2018-2-13
2.0
Add Temperature Range F:Industrial+ (-40
℃ to 85℃)
Mar.12.2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com