Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD5F1GQ4REFJS Datasheet(PDF) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4REFJS
Description  SPI(x1/x2/x4) NAND Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFJS Datasheet(HTML) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD5F1GQ4REFJS Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
SPI(x1/x2/x4) NAND Flash
1G
4
1
FEATURE
◆ 1Gb SLC NAND Flash
◆ Program/Erase/Read Speed
- Page Program time: 400us typical
◆ 2048-Byte+128-Byte Physical Page Size(2)
- Block Erase time: 3ms typical
- Internal ECC Off (ECC_EN=0):
- Page read time: 80us maximum(w/I ECC)
2048-Byte+128-Byte Full Access
- Internal ECC On (ECC_EN=1, default):
◆ Reliability
Program:
2048-Byte+64-Byte
- Endurance: 100K program/erase cycles
Read:
2048-Byte+128-Byte
- Data retention: 10 Years
◆ Standard, Dual, Quad SPI
◆ Low Power Consumption
- Standard SPI: SCLK, CS#, SI, SO, WP#, HOLD#
- 40mA maximum active current
- Dual SPI: SCLK, CS#, SIO0, SIO1, WP#, HOLD#
- 90uA(1) maximum standby current
- Quad SPI: SCLK, CS#, SIO0, SIO1, SIO2, SIO3
◆ Enhanced access performance
◆ High Speed Clock Frequency
- 2kbyte cache for fast random read
- 120MHz for fast read with 30PF load
- Cache read and cache program
- Quad I/O Data transfer up to 480Mbits/s
◆ Advanced Feature for NAND
◆ Software/Hardware Protection
- Internal ECC option, per 528bytes
- Write protect all/portion of memory via software
- Internal data move by page with ECC
- Register protection with WP# Pin
- Top or Bottom, Block selection combination
◆ The first block(Block0) is guaranteed to be a valid block
at the time of shipment.
◆ Advanced security Features
- 8K-Byte OTP Region
◆ Single Power Supply Voltage
- Full voltage range for 1.8V: 1.7V ~ 2.0V
- Full voltage range for 3.3V: 2.7V ~ 3.6V
Note (1): When Temperature is 105
℃, the maximum standby current is 200uA
(2). 2048Byte+128Byte Page Size can accommodate more advanced ECC algorithm by user’s choice, even though
the internal 4-bit ECC algorithm only requires 64-Byte spare area.
Internal 4-bit ECC is set to on (ECC_EN=1) as shipment default, it can be disabled by setting ECC_EN=0.
- When Internal ECC is enabled, user can only program the first 64-Byte portion of the entire 128-Byte spare
area, and the rest 64-Byte spare area cannot be programed. User can still read the entire 128-Byte spare area.
- When Internal ECC is disabled, user can read and program the entire 128-Byte spare area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com