Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD5F1GQ4REFJS Datasheet(PDF) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD5F1GQ4REFJS
Description  SPI(x1/x2/x4) NAND Flash
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F1GQ4REFJS Datasheet(HTML) 13 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F1GQ4REFJS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD5F1GQ4REFJS Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
SPI(x1/x2/x4) NAND Flash
1G
13
5
COMMANDS DESCRIPTION
Table5-1. Commands Set
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte N
Write Enable
06H
Write Disable
04H
Read UID
EDH
00H
Read parameter page
13H
A23-A16
A15-A8
A7-A0
Get Features
0FH
A7-A0
(D7-D0)
Wrap
Set Feature
1FH
A7-A0
(D7-D0)
dummy(1)
Page Read (to cache)
13H
A23-A16
A15-A8
A7-A0
Read From Cache
03H/0BH
A15-A8(4)
A7-A0
dummy(2)
(D7-D0)
Read From Cache x 2
3BH
A15-A8(4)
A7-A0
dummy(2)
(D7-D0)x2
Read From Cache x 4
6BH
A15-A8(4)
A7-A0
dummy(2)
(D7-D0)x4
Read From Cache Dual IO
BBH
A15-A0(4)
dummy(3)
(D7-D0)x2
Read From Cache Quad IO
EBH
A15-A0(5)
(D7-D0)x4
Read ID(8)
9FH
A7-A0
MID
DID
Wrap
Program Load
02H
A15-A8(6)
A7-A0
(D7-D0)
Next byte
Byte N
Program Load x4
32H
A15-A8(6)
A7-A0
(D7-D0)x4
Next byte
Byte N
Program Execute
10H
A23-A16
A15-A8
A7-A0
Program Load Random Data
84H(10)
A15-A8(6)
A7-A0
(D7-D0)
Next byte
Byte N
Program Load Random Data x4
C4H/34H(10)
A15-A8(6)
A7-A0
(D7-D0)x4
Next byte
Byte N
Program Load Random Data Quad IO
72H
A15-A0(7)
(D7-D0)x4
Next byte
Byte N
Block Erase(128K)
D8H
A23-A16
A15-A8
A7-A0
Reset(9)
FFH
Notes:
1.
The dummy byte can be inputted or not.
2.
The x8 clock = dummy<7:0>.
3.
The x8 clock = dummy<7:0>, D7-D0.
4.
The x8 clock = dummy<3-0>, A11-A8 or dummy<3-0>, A11-A0.
5.
The x8 clock = dummy<3-0>, A11-A0, dummy<7:0>, D7-D0.
6.
The x8 clock = dummy<3:0>, A<11:8>.
7.
The x8 clock = dummy<3:0>, A<11:0>, D7-D0, D7-D0.
8.
MID is Manufacture ID (C8h for GigaDevice), DID is Device ID
When A7-A0 is 00h, read MID and DID.
9.
Reset command:
• During busy, Reset will reset PAGE READ/PROGRAM/ERASE operation.
• During idle, Reset will reset status register bits P_FAIL/E_FAIL/ECCS bits.
10. Those commands are only available in Internal Data Move operation.
11. Read UID/parameter page all are same as page read to cache.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com