Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FU1G8F2AMG Datasheet(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FU1G8F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FU1G8F2AMG Datasheet(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FU1G8F2AMG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
GD9Fx1GxF2A
21
8.2 Page Program Operation
8.2.1 Common Page Program (80H-10H)
The device is programmed basically on a page basis, but it does allow multiple partial pages programming of a word or
consecutive bytes up to 2,176 in a single page program cycle. The number of consecutive partial page programming
operation within the same page without an intervening erase operation must not exceed 4 times for main array
(1time/512byte) and 4 times for spare array (1time/16byte). The addressing must be done in sequential order in a block. A
page program cycle consists of a serial data loading period in which up to 2,176 bytes of data may be loaded into the data
register, followed by a non-volatile programming period where the loaded data is programmed into the appropriate cell.
The serial data loading period begins by inputting the Serial Data Input command (80h), followed by the four cycle address
inputs and then serial data loading. The words other than those to be programmed do not need to be loaded.
The Page Program Confirm command (10h) initiates the programming process. Writing 10h alone without previously
entering the serial data will not initiate the programming process. The internal write state controller automatically executes
the algorithms and timings necessary for program and verify, thereby freeing the system controller for other tasks. Once
the program process starts, the Read Status Register command may be issued to read the status register.
The command register remains in Read Status command mode until another valid command is written to the command
register.
CLE
ALE
WE#
RE#
I/Ox
CE#
Row.
Add2
Row.
Add1
Col.
Add2
Col.
Add1
80h
Din
N
Din
N+1
Din
M
10h
70h
Status
R/B#
tPROG
:Don't care
tCS
tCLS
tDStDH
tWB
tWHR
IO 0 = 0, pass
IO 0 = 1, fail
tWC
Figure 17: Common Page Program figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com