Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FU1G8F2AMG Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FU1G8F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FU1G8F2AMG Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FU1G8F2AMG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD9FU1G8F2AMG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
GD9Fx1GxF2A
39
8.7 Ready/Busy# (R/B#)
The device has a Ready/Busy output that provides method of indicating the completion of a page program, erase, copy-
back and random read completion. The R/B# pin is normally high and goes to low when the device is busy (after a reset,
read, program, and erase operation). It returns to high when the internal controller has finished the operation. The pin is an
open-drain driver thereby allowing two or more R/B# outputs to be Or-tied. Because pull-up resistor value is related to tR
(R/B#), an appropriate value can be obtained with the following reference below chart. Its value can be determined by the
following guidance.
Vcc
GND
Device
Rp
R/B#
Open drain output
Ready
Vcc
tf
VOL
Busy
VOL : 0.4V, VOH : 2.4V
tr
VOH
tf
160
108.8
69.8
35
tr
50
100
200
Rp(ohm)
1K
2K
3K
4K
Fig. Rp vs tr, tf & Rp
@ Vcc = 3.3 V, Ta = 25ºC,CL=50pF
Rp (min) =
Rp value guidence
Vcc (Max.)
– V
OL (Max.)
IOL + ΣIL
=
3.2V
8mA + ΣIL
Where IL is the sum of the input curmts of all devices tied to the R/B# pin.
Rp(max) is determined by maximum permissible limit of tr
5K
182
150
3.84
3.66
3.22
3.76
3.86
Figure 29: Ready/Busy figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com