Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25B127D Datasheet(PDF) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B127D
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B127D Datasheet(HTML) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25B127D Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B127D
3
7.33.
READ SERIAL FLASH DISCOVERABLE PARAMETER (5AH)........................................................................40
8.
ELECTRICAL CHARACTERISTICS .........................................................................................................45
8.1.
POWER-ON TIMING ..........................................................................................................................45
8.2.
INITIAL DELIVERY STATE.................................................................................................................45
8.3.
ABSOLUTE MAXIMUM RATINGS .....................................................................................................45
8.4.
CAPACITANCE MEASUREMENT CONDITIONS..............................................................................46
8.5.
DC CHARACTERISTICS....................................................................................................................47
8.6.
AC CHARACTERISTICS ....................................................................................................................50
9.
ORDERING INFORMATION......................................................................................................................54
9.1.
VALID PART NUMBERS ..........................................................................................................................55
10.
PACKAGE INFORMATION....................................................................................................................57
10.1.
PACKAGE SOP8 208MIL ......................................................................................................................57
10.2.
PACKAGE VSOP8 208MIL....................................................................................................................58
10.3.
PACKAGE DIP8 300MIL........................................................................................................................59
10.4.
PACKAGE SOP16 300MIL ....................................................................................................................60
10.5.
PACKAGE WSON8 (6*5MM) ..................................................................................................................61
10.6.
PACKAGE WSON8 (8*6MM) ..................................................................................................................62
10.7.
PACKAGE TFBGA-24BALL (6*4 BALL ARRAY) .......................................................................................63
11.
REVISION HISTORY..............................................................................................................................64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com