Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25B127D Datasheet(PDF) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B127D
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B127D Datasheet(HTML) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B127D Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25B127D Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B127D
64
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
---
2016-8-23
1.1
Update Table7.5. Parameter Table (1): GigaDevice Flash
Parameter Tables
---
2016-8-26
1.2
Add
“Page” Column in the Revision History
Modify the note in the description of WSON packages
Delete tRST_R and tRST_P
Add tRST, of which the max value is 30us
Delete figure 34, which is excrescent
P59
P56-57
P48
P48
P39
2017-11-13
1.3
Modify tVSL from 5ms to 2.5ms
Add tRS, of which the min value is 100us
Update Ordering Information
Update the description of all packages
P45
P48
P50
P52-58
2018-5-18
1.4
Add 4BH command
Modify Icc4~8 max. value @-40~85℃ from 25mA to 27mA
Modify tpp typ. value @-40~85℃ from 0.6ms to 0.5ms
Modify tBE1 typ. value @-40~85℃ from 0.2~1.0s to 0.16~0.8s
Modify tCE typ. value @-40~85℃ from 60s to 50s
Add DC/AC parameters @-40~105℃ and @-40~125℃
P37
P47
P50
P50
P50
P48, 49, 51, 52
2018-7-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com