Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25B257D Datasheet(PDF) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B257D
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B257D Datasheet(HTML) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B257D Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B257D
16
7.2.
Extended Address Register
Table 11. Extended Address Register
No.
Name
Description
Note
EA0
A24
Address bit
Volatile writable
EA1
Reserved
Reserved
Reserved
EA2
ECS
ECC Correction Signal bit
Volatile writable
EA3
DLP
Data Learning Pattern Enable bit
Volatile writable
EA4
Reserved
Reserved
Reserved
EA5
Reserved
Reserved
Reserved
EA6
DED
Double Error Detection bit
Volatile, read only
EA7
SEC
Single Error Correction bit
Volatile, read only
In addition to the Status Registers, GD25B257D provides a volatile Extended Register which consists of the
configuration bits for advanced features and the MSB address bit A24. Upon power up or after the execution of a
Software/Hardware Reset, the Extended Register values will be cleared to 0. There are two different commands to write
the Extended Register. 56H is used to write EA5-EA2 bits, A24 value will not be changed. To change A24 bit setting, C5H
should be used, and EA5-EA2 bit values will not be affected.
A24 bit
The Extended Address Bit A24 is used only when the device is operating in the 3-Byte Address Mode (ADS=0), which
is volatile writable by C5H command. The lower 128Mb memory array (00000000H
– 00FFFFFFH) is selected when A24=0,
and all instructions with 3-Byte addresses will be executed within that region. When A24=1, the upper 128Mb memory array
(01000000H
– 01FFFFFFH) will be selected.
If the device powers up with ADP bit
set to 1, or an “Enter 4-Byte Address Mode (B7H)” instruction is issued, the
device will require 4-Byte address input for all address related instructions, and the Extended Address Bit A24 setting will
be ignored. However, any instruction with 4-Byte address input will replace the Extended Address Bit A24 with new settings.
SEC, DED bits
SEC (Single Error Correction) and DED (Double Error Detection) Status Bits are used to show the ECC results for the
last Read operation. SEC and DED bits will be cleared to 0 once the device accepts a new Read command.
SEC, DED
Definitions
00
No ECC events in all aligned 8-Byte granularities
10
SEC events in single or multiple 8-Byte granularities, and the data is OK to use.
(Unless it contains more than one odd bit errors in 8-Byte granularity)
01
DED events in single or multiple 8-Byte granularities, and the data contains 2 or more
even bit errors.
11
Both SEC & DED occurred in multiple 8-Byte granularities, and the data contains 2
or more bit errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com