Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25B257D Datasheet(PDF) 91 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25B257D
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B257D Datasheet(HTML) 91 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B257D Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 91Page - GigaDevice Semiconductor (Beijing) Inc. GD25B257D Datasheet HTML 92Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B257D
91
12. REVISION HISTORY
Version No.
Description
Page
Date
1.0
Initial Release
All
2018-3-27
1.1
Modify the Timing Diagrams of ED/EEH command
Modify tw typ. value from 1ms to 5ms
P42-44
P80
2018-5-2
1.2
Modify Icc1 typ. value from 15uA to 12uA
AModify tPP typ. value from 0.6ms to 0.4ms
Modify tBE1 typ. value from 0.2s to 0.16s
Modify tBE2 typ. value from 0.3s to 0.22s
Modify tCE from 100-240s to 70-200s
P82
P84
P84
P84
P84
2018-7-9
1.3
Modify the description of DRV bits
Add Icc3 in DTR mode
P14
P82
2019-4-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com