Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G8F2ADG Datasheet(PDF) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G8F2ADG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G8F2ADG Datasheet(HTML) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G8F2ADG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
GD9Fx1GxF2A
16
7.3 Data Input Cycle
Data Input bus operation allows to feed to the device the data to be programmed. The data insertion is serially and timed
by the Write Enable cycles. Data are accepted only with Chip Enable low, Address Latch Enable low, Command Latch
Enable low, Read Enable High, and Write Protect High and latched on the rising edge of Write Enable.
DIN0
CLE
CE#
ALE
WE#
I/Ox
tCLS
tCS
tALS
tWC
tWP
tWH
tALH
tCH
tCLH
DIN1
DINn
tCH
tDS
tDH
Figure 11: Data Input Cycle figures
7.4 Data Output Cycle
Data Output bus operation allows to output data from the device. The data output cycle is serially and timed by the Read
Enable cycles.
Data output may be used with CE# don’t care. However, if CE# don’t care is used tCEA and tCOH timing
requirements shall be met by the host.
DOUT0
DOUT1
DOUTn
tRR
tCEA
tRP
tREH
tRHOH
tCOH
tCHZ
CE#
RE#
R/B#
I/Ox
tRC
tRHZ
tREA
tRHZ
Figure 12_a: Data Output Cycle figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com