Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G8F2ADG Datasheet(PDF) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G8F2ADG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G8F2ADG Datasheet(HTML) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G8F2ADG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G8F2ADG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
GD9Fx1GxF2A
18
8. OPERATION DESCRIPTION
8.1 Page Read Operation
8.1.1 Common Page Read (00H-30H)
Read is initiated by writing 00H-30H to the command register along with four address cycles. After initial power up, 00h
command is latched, and the first page of the first block has been read to cache, ready for random read out. Therefore only
4 address cycles and 30H command initiates that operation after initial power up. The 2176 bytes of data within the selected
page are transferred to the data registers. The system controller can detect the completion of this data transfer (tR) by
analyzing the output of R/B# pin. Once the data in a page is loaded into the data registers, they may be read out in tRC by
sequentially pulsing RE#. The repetitive high to low transitions of the RE# clock make the device output the data starting
from the selected column address up to the last column address.
After the last data has been read out, CE# may be pulled up for some time to end the read operation, while during the RE#
toggle cycle, CE# may be don't care when RE# is high
. The CE# Don’t Care feature may simplify the system interface,
which allows controller to directly download the code from flash device, and the CE# transitions will not stop the read
operation during the latency time.
00h
Col. Add1
Col. Add2
Row Add1
Row Add2
30h
DOUT
N
DOUT
N+1
tCLS
tCLH
tCS
tCH
tCLR
tCLS
tCLH
tCS
tCH
tRC
tWB
tWC
tALS
tR
tCHZ
tCEA
tRR
tREA
Data out from
Col.Add.N
CLE
CE#
WE#
RE#
I/Ox
RY/BY#
ALE
tDS tDH
Col.Add .N
Figure 14: Common Page Read figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com