Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25D40CSIG Datasheet(PDF) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25D40CSIG
Description  3.3V Uniform Sector Standard and Dual Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D40CSIG Datasheet(HTML) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D40CSIG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D40C/20C
34
9.1.
Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25D40CTIG
4Mbit
SOP8 150mil
GD25D20CTIG
2Mbit
GD25D40CSIG
4Mbit
SOP8 208mil
GD25D20CSIG
2Mbit
GD25D40COIG
4Mbit
TSSOP8 173mil
GD25D20COIG
2Mbit
GD25D40CKIG
4Mbit
USON8 (1.5x1.5mm)
GD25D20CKIG
2Mbit
GD25D40CEIG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25D20CEIG
2Mbit
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25D40CTJG
4Mbit
SOP8 150mil
GD25D20CTJG
2Mbit
GD25D40CSJG
4Mbit
SOP8 208mil
GD25D20CSJG
2Mbit
GD25D40COJG
4Mbit
TSSOP8 173mil
GD25D20COJG
2Mbit
GD25D40CKJG
4Mbit
USON8 (1.5x1.5mm)
GD25D20CKJG
2Mbit
GD25D40CEJG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25D20CEJG
2Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com