Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25D40CSIG Datasheet(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25D40CSIG
Description  3.3V Uniform Sector Standard and Dual Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D40CSIG Datasheet(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25D40CSIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25D40CSIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D40C/20C
41
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
ALL
2017-6-22
1.1
Add Transient Input / Output Voltage (note: overshoot) of “ -2.0 to
VCC+2.0“
Modify tpp max. value from 2.4ms to 4ms
P24
P27
2017-8-4
1.2
Modify the description of 60/C7H command: delete “or all 1” at the
end of the last but one sentence
Modify tw from 2-30ms to 4-30ms
Modify Icc4-Icc7 from 10mA to 20mA
Modify Applied Input/Output Voltage from “-0.5 to 4.2” to “-0.6 to
VCC+0.4”
Modify VCC from “-0.5 to 4.2” to “-0.6 to 4.2”
Modify VWI max. value from 2.1V to 2.5V
Add Icc8 in DC CHARACTERISTICS, of which the max. value is
20mA.
Add tBP1 of 15-30us and tBP2 of 2.5-5us in AC CHARACTERISTICS.
Modify tCE of GD25D40C from 4-7.5s to 4-10s
Modify tCE of GD25D20C from 2-5s to 2-6s
Modify tSE max. value from 300ms to 400ms
P20
P27
P26
P24
P24
P24
P26
P27
P27
P27
P27
2017-8-28
1.3
Modify tVSL min value from 5ms to 0.5ms
Modify tBP1 from 15~30us to 30~50us
Modify tBP2 from 2.5~5us to 2.5~12us
Add “J” and “E” to 7th code of Ordering Information
Update the description of all packages
P24
P27
P27
P29
P31-35
2018-4-23
1.4
Add 4BH command
Add DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
Modify Ordering Information
Add package of USON8 1.5*1.5mm
P4,12,23
P27/30
P28/31
P33-35
P40
2018-7-24
1.5
Modify tVSL min value from 0.5ms to 0.3ms
Modify IOL
value from 1.6mA to 100μA
Delete Package DIP8 300mil
P24
P27/28
---
2018-9-3
1.6
Modify Standby Current max. value from1
μA to 2μA
Modify Deep Power-Down Current max. value from1
μA to 2μA
Modify tBP1 from 30~60us to 30~80us@-40℃~125℃
Modify tBP2 from 5~10us to 2.5~15us @-40℃~105℃
Modify tBP2 from 5~10us to 2.5~20us @-40℃~125℃
P26
P26
P30
P30
P31
2018-11-2
1.7
Modify Icc3 typ. value @100MHz from 13mA to 3mA
Modify Icc3 typ. value @80MHz from 12mA to 2.5mA
Modify Icc3 max. value @100MHz @-40℃ to 85℃ from 18mA to
6mA
Modify Icc3 max. value @80MHz @-40℃ to 85℃ from 15mA to
P26, 27, 28
P26, 27, 28
P26
P26
2019-4-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com