Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LB128D Datasheet(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LB128D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB128D Datasheet(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB128D Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB128D
21
Figure5b. Read Status Register Sequence Diagram (QPI) (15H)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
2
3
4
5
Command
15H
S1
S1
S0
S0
S1-S0 out
7.5. Write Status Register (WRSR) (01H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register. Before it can be
accepted, a Write Enable (WREN) command must previously have been executed. After the Write Enable (WREN)
command has been decoded and executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) command has no effect on S15, S10, S1 and S0 of the Status Register. CS# must
be driven high after the eighth or sixteen bit of the data byte has been latched in. If not, the Write Status Register (WRSR)
command is not executed. If CS# is driven high after eighth bit of the data byte, the CMP bit will be cleared to 0 in SPI mode,
while only CMP will be cleared to 0 in QPI mode. As soon as CS# is driven high, the self-timed Write Status Register cycle
(whose duration is tW) is initiated. While the Write Status Register cycle is in progress, the Status Register may still be read
to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status
Register cycle, and is 0 when it is completed. When the cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect (BP4, BP3,
BP2, BP1, and BP0) bits, to define the size of the area that is to be treated as read-only, as defined in Table1.
Figure6. Write Status Register Sequence Diagram
Command
0
1
2
3
4
5
6
7
01H
CS#
SCLK
SI
SO
High-Z
8
9 10 11 12 13 14 15
MSB
7
6
5
4
3
2
1
0
Status Register in
16 17 18 19 20 21 22 23
15 14 13 12 11 10 9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com