Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LB128D Datasheet(PDF) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LB128D
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB128D Datasheet(HTML) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB128D Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128D Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB128D
46
7.27.
Program/Erase Resume (PER) (7AH)
The Program/Erase Resume command must be written to resume the program or sector/block erase operation after
a Program/Erase Suspend command. The Program/Erase Resume command will be accepted by the device only if the
SUS2/SUS1 bit equal to 1 and the WIP bit equal to 0. After issued the SUS2/SUS1 bit in the status register will be cleared
from 1 to 0 immediately, the WIP bit will be set from 0 to 1 within 200ns and the Sector or Block will complete the erase
operation or the page will complete the program operation. The Program/Erase Resume command will be ignored unless a
Program/Erase Suspend is active. The command sequence is show in Figure29.
Figure29. Program/Erase Resume Sequence Diagram
Command
0
1
2
3
4
5
6
7
7AH
CS#
SCLK
SI
SO
Resume Erase/Program
Figure29a. Program/Erase Resume Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
7AH
Resume previously suspended
program or Erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com