Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE05C Datasheet(PDF) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 41 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
41
7.28 Program/Erase Resume (PER) (7AH)
The Program/Erase Resume command must be written to resume the program or sector/block erase operation after a
Program/Erase Suspend command. The Program/Erase Resume command will be accepted by the device only if the
SUS2/SUS1 bit equal to 1 and the WIP bit equal to 0. After issued the SUS2/SUS1 bit in the status register will be cleared
from 1 to 0 immediately, the WIP bit will be set from 0 to 1 within 200ns and the Sector or Block will complete the erase
operation or the page will complete the program operation. The Program/Erase Resume command will be ignored unless a
Program/Erase Suspend is active. The command sequence is show in Figure30.
Figure30. Program/Erase Resume Sequence Diagram
7.29 Erase Security Registers (44H)
The GD25LE40C/20C/10C/05C provides three 512-byte Security Registers which can be erased and programmed
individually. These registers may be used by the system manufacturers to store security and other important information
separately from the main memory array.
The Erase Security Registers command is similar to Sector/Block Erase command. A Write Enable (WREN) command must
previously have been executed to set the Write Enable Latch (WEL) bit.
The Erase Security Registers command sequence: CS# goes low  sending Erase Security Registers command  The
Erase Security Registers command sequence: CS# goes low  sending Erase Security Registers command  3-byte
address on SI  CS# goes high. The command sequence is shown below. CS# must be driven high after the eighth bit of
the last address byte has been latched in; otherwise the Erase Security Registers command is not executed. As soon as
CS# is driven high, the self-timed Erase Security Registers cycle (whose duration is tSE) is initiated. While the Erase Security
Registers cycle is in progress, the Status Register may be read to check the value of the Write in Progress (WIP) bit. The
Write in Progress (WIP) bit is 1 during the self-timed Erase Security Registers cycle, and is 0 when it is completed. At some
unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. The Security Registers Lock Bit
(LB3-1) in the Status Register can be used to OTP protect the security registers. Once the LB bit is set to 1, the Security
Registers will be permanently locked; the Erase Security Registers command will be ignored.
Address
A23-16
A15-12
A11-9
A8-0
Security Register #1
00H
0 0 0 1
0 0 0
Don’t care
Security Register #2
00H
0 0 1 0
0 0 0
Don
’t care
Security Register #3
00H
0 0 1 1
0 0 0
Don’t care
Figure 31. Erase Security Registers command Sequence Diagram
Command
0
1
2
3
4
5
6
7
7AH
CS#
SCLK
SI
SO
Resume Erase/Program
Command
0
1
2
3
4
5
6
7
44H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
24 Bits Address
23 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com