Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE05C Datasheet(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
49
8
ELECTRICAL CHARACTERISTICS
8.1 POWER-ON TIMING
Figure36. Power-On Timing Sequence Diagram
Table 9. Power-Up Timing and Write Inhibit Threshold
Symbol
Parameter
Min.
Max.
Unit
tVSL
VCC (min.) to device operation
1.8
ms
VWI
Write Inhibit Voltage
1
1.4
V
VPWD
VCC voltage needed to below VPWD for ensuring initialization will occur
0.5
V
tPWD
The minimum duration for ensuring initialization will occur
300
us
8.2 INITIAL DELIVERY STATE
The device is delivered with the memory array erased: all bits are set to 1(each byte contains FFH).The Status Register
contains 00H (all Status Register bits are 0).
8.3 ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Ambient Operating Temperature
-40 to 85
-40 to 105
-40 to 125
℃
Storage Temperature
-65 to 150
℃
Transient Input / Output Voltage(note: overshoot)
-2.0 to VCC+2.0
V
Applied Input / Output Voltage
-0.6 to VCC+0.5
V
VCC
-0.6 to 2.5
V
VCC(max.)
VCC(min.)
tVSL
Chip Selection is not allowed
Full Device
Access
Allowed
Time
VPWD(max.)
tPWD
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com