Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE64CSIG Datasheet(PDF) 70 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE64CSIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE64CSIG Datasheet(HTML) 70 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE64CSIG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE64C
70
9.1 Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LE64CSIG
64Mbit
SOP8 208mil
GD25LE64CSIS
GD25LE64CVIG
64Mbit
VSOP8 208mil
GD25LE64CVIS
GD25LE64CQIG
64Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE64CQIS
GD25LE64CWIG
64Mbit
WSON8 (6x5mm)
GD25LE64CWIS
GD25LE64CLIGR
64Mbit
WLCSP (2x4 functional ball array)
GD25LE64CLISR
GD25LE64CLIGR-SG
64Mbit
WLCSP (4x2 functional ball array)
GD25LE64CLISR-SG
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25LE64CSJG
64Mbit
SOP8 208mil
GD25LE64CSJS
GD25LE64CVJG
64Mbit
VSOP8 208mil
GD25LE64CVJS
GD25LE64CQJG
64Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE64CQJS
GD25LE64CWJG
64Mbit
WSON8 (6x5mm)
GD25LE64CWJS
GD25LE64CLJGR
64Mbit
WLCSP (2x4 functional ball array)
GD25LE64CLJSR
GD25LE64CLJGR-SG
64Mbit
WLCSP (4x2 functional ball array)
GD25LE64CLJSR-SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com