Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE64CSIG Datasheet(PDF) 71 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE64CSIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE64CSIG Datasheet(HTML) 71 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE64CSIG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE64CSIG Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE64C
71
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25LE64CSEG
64Mbit
SOP8 208mil
GD25LE64CSES
GD25LE64CVEG
64Mbit
VSOP8 208mil
GD25LE64CVES
GD25LE64CQEG
64Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE64CQES
GD25LE64CWEG
64Mbit
WSON8 (6x5mm)
GD25LE64CWES
GD25LE64CLEGR
64Mbit
WLCSP (2x4 functional ball array)
GD25LE64CLESR
GD25LE64CLEGR-SG
64Mbit
WLCSP (4x2 functional ball array)
GD25LE64CLESR-SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com