Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE05C Datasheet(PDF) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
34
7.19 Enable/Disable SO to Output RY/BY# (ESRY/DSRY) (70H/80H)
Besides SO pin is used to output data, it also can be used as the status pin of ready/busy. The ESRY command is for
outputting the ready/busy status to SO. When the device is in the process of power on, enter or exit deep power down
mode and erase/program, its status is busy, and the SO output 0. When the device is in the standby mode, the status of
device is ready, then SO output 1. The DSRY command is for resetting ESRY. The ready/busy status will not output to SO
after DSRY issued.
The Enable/Disable SO to Output RY/BY# command sequence:
CS# goes low → sending ESRY command code → CS#
goes high. The command sequence is shown in Figure20. CS# must be driven high after the eighth bit of the command
code has been latched in; otherwise the Enable/Disable SO to Output RY/BY# command is not executed.
Figure20. Enable/Disable SO to Output RY/BY# Diagram
7.20 Deep Power-Down (DP) (B9H)
Executing the Deep Power-Down (DP) command is the only way to put the device in the lowest consumption mode (the
Deep Power-Down Mode). It can also be used as an extra software protection mechanism, while the device is not in active
use, since in this mode, the device ignores all Write, Program and Erase commands. Driving CS# high deselects the device,
and puts the device in the Standby Mode (if there is no internal cycle currently in progress). But this mode is not the Deep
Power-Down Mode. The Deep Power-Down Mode can only be entered by executing the Deep Power-Down (DP) command.
Once the device has entered the Deep Power-Down Mode, all commands are ignored except the Release from Deep
Power-Down and Read Device ID (RDI) command or software reset command. The Release from Deep Power-Down and
Read Device ID (RDI) command releases the device from Deep Power-Down mode, also allows the Device ID of the device
to be output on SO.
The Deep Power-Down Mode automatically stops at Power-Down, and the device always in the Standby Mode after Power-
Up.
The Deep Power-Down command sequence: CS# goes low  sending Deep Power-Down command  CS# goes high.
The command sequence is shown in Figure21. CS# must be driven high after the eighth bit of the command code has been
latched in; otherwise the Deep Power-Down (DP) command is not executed. As soon as CS# is driven high, it requires a
delay of tDP before the supply current is reduced to ICC2 and the Deep Power-Down Mode is entered. Any Deep Power-
Down (DP) command, while an Erase, Program or Write cycle is in progress, is rejected without having any effects on the
cycle that is in progress.
Command
0 1 2 3 4 5 6 7
70H or 80H
CS#
SCLK
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com