Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE05C Datasheet(PDF) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE05C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE05C Datasheet(HTML) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE05C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE05C Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE40C/20C/10C/05C
64
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25LE40CTEG
4Mbit
SOP8 150mil
GD25LE20CTEG
2Mbit
GD25LE10CTEG
1Mbit
GD25LE05CTEG
512Kbit
GD25LE40CSEG
4Mbit
SOP8 208mil
GD25LE20CSEG
2Mbit
GD25LE10CSEG
1Mbit
GD25LE05CSEG
512Kbit
GD25LE40CMEG
4Mbit
VSOP8 150mil
GD25LE20CMEG
2Mbit
GD25LE10CMEG
1Mbit
GD25LE05CMEG
512Kbit
GD25LE40CVEG
4Mbit
VSOP8 208mil
GD25LE20CVEG
2Mbit
GD25LE10CVEG
1Mbit
GD25LE05CVEG
512Kbit
GD25LE40CEEG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LE20CEEG
2Mbit
GD25LE10CEEG
1Mbit
GD25LE05CEEG
512Kbit
GD25LE40CHEG
4Mbit
USON8 (3x3mm)
GD25LE20CHEG
2Mbit
GD25LE10CHEG
1Mbit
GD25LE05CHEG
512Kbit
GD25LE40CNEG
4Mbit
USON8 (3x4mm)
GD25LE20CNEG
2Mbit
GD25LE10CNEG
1Mbit
GD25LE05CNEG
512Kbit
GD25LE40CQEG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LE20CQEG
2Mbit
GD25LE10CQEG
1Mbit
GD25LE05CQEG
512Kbit
GD25LE40CWEG
4Mbit
WSON8 (6x5mm)
GD25LE20CWEG
2Mbit
GD25LE10CWEG
1Mbit
GD25LE05CWEG
512Kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com