Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE256DFIG Datasheet(PDF) 78 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256DFIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256DFIG Datasheet(HTML) 78 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256DFIG Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
78
9.1.
Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LE256DFIG
256Mbit
SOP16 300mil
GD25LE256DFIS
GD25LE256DWIG
256Mbit
WSON8 (6x5mm)
GD25LE256DWIS
GD25LE256DYIG
256Mbit
WSON8 (8x6mm)
GD25LE256DYIS
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25LE256DFJG
256Mbit
SOP16 300mil
GD25LE256DFJS
GD25LE256DWJG
256Mbit
WSON8 (6x5mm)
GD25LE256DWJS
GD25LE256DYJG
256Mbit
WSON8 (8x6mm)
GD25LE256DYJS
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25LE256DFEG
256Mbit
SOP16 300mil
GD25LE256DFES
GD25LE256DWEG
256Mbit
WSON8 (6x5mm)
GD25LE256DWES
GD25LE256DYEG
256Mbit
WSON8 (8x6mm)
GD25LE256DYES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com