Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE256DFIG Datasheet(PDF) 79 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256DFIG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256DFIG Datasheet(HTML) 79 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256DFIG Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFIG Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
79
10. PACKAGE INFORMATION
10.1.
Package SOP16 300MIL
D
E
E1
A
A2
A1
b
e
“A”
L1
L
θ
b
c
Base Metal
Detail
“A”
h
h
1
8
16
9
Dimensions
Symbol
A
A1
A2
b
c
D
E
E1
e
L
L1
h
θ
Unit
mm
Min
-
0.10
2.05
0.31
0.10
10.20
10.10
7.40
1.27
0.40
1.40
0.25
0
Nom
-
0.20
-
0.41
0.25
10.30
10.30
7.50
-
-
-
Max
2.65
0.30
2.55
0.51
0.33
10.40
10.50
7.60
1.27
0.75
8
Note:
1. Both the package length and width do not include the mold flash.
2. Seating plane: Max. 0.1mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com