Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD80CSFG Datasheet(PDF) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD80CSFG
Description  1.8V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD80CSFG Datasheet(HTML) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD80CSFG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
1.8V Uniform Sector
Standard and Dual Serial Flash
GD25LD80C
15
7.5. Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), and each bit being latched-in on
the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, and each bit being shifted out, at
a Max frequency fR, on the falling edge of SCLK. The first byte addressed can be at any location. The address is
automatically incremented to the next higher address after each byte of data is shifted out. The whole memory can, therefore,
be read with a single Read Data Bytes (READ) command. Any Read Data Bytes (READ) command, while an Erase,
Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress.
Figure5. Read Data Bytes Sequence Diagram
7.6. Read Data Bytes At Higher Speed (Fast Read) (0BH)
The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is followed by a 3-byte
address (A23-A0) and a dummy byte, and each bit being latched-in on the rising edge of SCLK. Then the memory content,
at that address, is shifted out on SO, and each bit being shifted out, at a Max frequency fC, on the falling edge of SCLK. The
first byte addressed can be at any location. The address is automatically incremented to the next higher address after each
byte of data is shifted out.
Figure6. Read Data Bytes at Higher Speed Sequence Diagram
Command
0
1
2
3
4
5
6
7
03H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31 32
MSB
3
2
1
0
34 35 36 37
33
23 22 21
7
6
5
4
3
2
1
0
38 39
24-bit address
MSB
Data Out1
Data Out2
Command
0
1
2
3
4
5
6
7
0BH
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com