Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LD80CSFG Datasheet(PDF) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD80CSFG
Description  1.8V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD80CSFG Datasheet(HTML) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD80CSFG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD80CSFG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
1.8V Uniform Sector
Standard and Dual Serial Flash
GD25LD80C
34
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LD80CTFG
8Mbit
SOP8 150mil
GD25LD80CSFG
8Mbit
SOP8 208mil
GD25LD80COFG
8Mbit
TSSOP8 173mil
GD25LD80CPFG
8Mbit
DIP8 300mil
GD25LD80CKFG
8Mbit
USON8 (1.5x1.5mm)
GD25LD80CEFG
8Mbit
USON8 (3x2mm, 0.45mm thickness)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com