Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE256DFES Datasheet(PDF) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256DFES
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256DFES Datasheet(HTML) 18 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256DFES Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
18
7.1.
Enable 4-byte Mode (B7H)
The Enable 4-byte Mode command enables accessing the address length of 32-bit for the memory area of the higher
density (larger than 128Mb). The GD25LE256D default is in 24-bit address mode. After sending the Enable 4-byte Mode
command, the EN4B bit (S11) will be set to 1 to indicate the 4-byte address mode has been enabled. Once the 4-byte
address mode is enabled, the address length becomes 32-bit instead of the default 24 bit. The Disable 4-byte mode or
Reset or Power-off will disable 4-byte mode. In the 4-byte mode, A31-A25 are don
’t care.
Figure2. Enable 4-byte Mode Sequence Diagram
Command
0
1
2
3
4
5
6
7
B7H
CS#
SCLK
SI
Figure2a. Enable 4-byte Mode Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
B7H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com