Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25LE256DFES Datasheet(PDF) 25 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LE256DFES
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE256DFES Datasheet(HTML) 25 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE256DFES Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE256DFES Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE256D
25
7.8.
Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0) or a 4-byte address (A31-A0), and
each bit is latched-in on the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, and each
bit is shifted out, at a Max frequency fR, on the falling edge of SCLK. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out. The default read
mode is 3-byte address mode, and the lower 128Mbit can be read with a single Read Data Byte (03H) command. By entering
4-byte address mode, or to set EN4B (S11) bit to 1, the higher 128Mbit can be read with a single Read Data Byte (03H)
command. Any Read Data Bytes (03H) command, while an Erase, Program or Write cycle is in progress, is rejected without
having any effects on the cycle that is in progress.
Figure9. Read Data Bytes Sequence Diagram
Note: The device default is in 24-bit address mode. For 4-byte mode, the address length becomes 32-bit.
Command
0
1
2
3
4
5
6
7
03H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31 32
MSB
3
2
1
0
34 35 36 37
33
23 22 21
7
6
5
4
3
2
1
0
38 39
24-bit address
MSB
Data Out1
Data Out2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com