Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374T Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374T
Description  SafeKeeper Desktop Trustedl/O
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374T Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC8374T Datasheet HTML 17Page - National Semiconductor (TI) PC8374T Datasheet HTML 18Page - National Semiconductor (TI) PC8374T Datasheet HTML 19Page - National Semiconductor (TI) PC8374T Datasheet HTML 20Page - National Semiconductor (TI) PC8374T Datasheet HTML 21Page - National Semiconductor (TI) PC8374T Datasheet HTML 22Page - National Semiconductor (TI) PC8374T Datasheet HTML 23Page - National Semiconductor (TI) PC8374T Datasheet HTML 24Page - National Semiconductor (TI) PC8374T Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21
www.national.com
Revision 1.1
2.0
Device Characteristics
2.1
GENERAL DC ELECTRICAL CHARACTERISTICS
2.1.1
Recommended Operating Conditions
2.1.2
Absolute Maximum Ratings
Absolute maximum ratings are values beyond which damage to the device may occur. Unless otherwise specified, all volt-
ages are relative to ground (VSS).
2.1.3
Capacitance
Symbol
Parameter
Min
Typ
Max
Unit
VDD3
Main 3V Supply Voltage
3.0
3.3
3.6
V
VSB3
Standby 3V Supply Voltage
3.0
3.3
3.6
V
VBAT
Battery Backup Supply Voltage
2.4
3.0
3.6
V
TA
Operating Temperature
0
+70
°C
Symbol
Parameter
Conditions
Min
Max
Unit
VSUP
Supply Voltage1
1. VSUP is VDD3, VSB3.
−0.5
+4.1
V
VI
Input Voltage
All other pins
−0.5
5.5
V
LAD3-0, LFRAME, SERIRQ
−0.5
VDD3 + 0.5
V
VO
Output Voltage
All other pins
−0.5
5.5
V
LAD3-0, LDRQ, SERIRQ
−0.5
VDD3 + 0.5
V
TSTG
Storage Temperature
−65
+165
°C
PD
Power Dissipation
1W
TL
Lead Temperature Soldering (10 s)
+260
°C
ESD Tolerance
C
ZAP
= 100 pF
R
ZAP
= 1.5 K
Ω2
2. Value based on test complying with RAI-5-048-RA human body model ESD testing.
2000
V
Symbol
Parameter
Conditions
Min2
Typ1
1. TA = 25°C; f = 1 MHz.
Max2
2. Not tested. Guaranteed by characterization.
Unit
CIN
Input Pin Capacitance
4
5
pF
CINC
LPC Clock Input Capacitance
PCI_CLK
5
8
12
pF
CPCI
LPC Pin Capacitance
LAD3-0, LFRAME, PCI_RESET,
SERIRQ, LDRQ
810
pF
CIO
I/O Pin Capacitance
8
10
pF
CO
Output Pin Capacitance
6
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com