Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC8374T Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8374T
Description  SafeKeeper Desktop Trustedl/O
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374T Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC8374T Datasheet HTML 9Page - National Semiconductor (TI) PC8374T Datasheet HTML 10Page - National Semiconductor (TI) PC8374T Datasheet HTML 11Page - National Semiconductor (TI) PC8374T Datasheet HTML 12Page - National Semiconductor (TI) PC8374T Datasheet HTML 13Page - National Semiconductor (TI) PC8374T Datasheet HTML 14Page - National Semiconductor (TI) PC8374T Datasheet HTML 15Page - National Semiconductor (TI) PC8374T Datasheet HTML 16Page - National Semiconductor (TI) PC8374T Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.1
13
www.national.com
1.4.6
Keyboard and Mouse Controller (KBC)
1.4.7
General-Purpose I/O (GPIO)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
KBCLK
3
I/O
INTS/OD14
VDD3
Keyboard Clock. Keyboard clock signal. External pull-up resistor
is required for PS/2 compliance. This pin is monitored during
VDD3 power-off for wake-up event detection.
KBDAT
4
I/O
INTS/OD14
VDD3
Keyboard Data. Keyboard data signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
MCLK
1
I/O
INTS/OD14
VDD3
Mouse Clock. Mouse clock signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
MDAT
2
I/O
INTS/OD14
VDD3
Mouse Data. Mouse data signal. External pull-up resistor is
required for PS/2 compliance. This pin is monitored during VDD3
power-off for wake-up event detection.
KBRST
7I/O
INT/OD8,
O4/8
VDD3
KBD Reset. Keyboard reset (P20) quasi-bidirectional output.
GA20
5
I/O
INT/OD8,
O4/8
VDD3
Gate A20. KBC gate A20 (P21) quasi-bidirectional output.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
GPIOE00
103
I/O
INTS/
OD8, O4/8
VSB3
General-Purpose I/O Ports. Each pin is configured
independently as input or I/O, with or without static pull-up (and
some also with or without static pull-down) and with either open-
drain or push-pull output type. These pins have event detection
capability to generate a wake-up event or an interrupt.
Note: If GPIOE12 is configured (on pin 74) make sure
that the pin’s default function does not interfere with
the circuit connected to the GPIO. Failure to do so may
result in irreversible damage to the chip.
118
INTS/
OD12, O6/12
VDD3
GPIOE01-06 104-106,
108-109,
111
INTS/
OD8, O4/8
VSB3
119-121,
124,
126-127
VDD3
GPIOE07
112
INTS/
OD8, O4/8
VSB3
128
INTS/
OD12, O6/12
VDD3
GPIOE10-13 116, 114,
115, 113
INTS2/
OD6, O3/6
VSB3
GPIOE12-13 74-75
INTS/
OD8, O4/8
GPIOE14,
GPIOE16-17
101,
100, 80
GPIO15
91
INTS/
OD8, O4/8
General-Purpose I/O Port. This pin is configured
independently as input or I/O with or without static pull-up and
with either open-drain or push-pull output type.
GPO11
117
O
OD8, O4/8
General-Purpose Output Port. This pin is configured
independently as output, with or without static pull-up and with
either open-drain or push-pull output type.
GPO12-13
122, 125
VDD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com