Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC595AG-R16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC595AG-R16-R
Description  8-BIT SERIAL-IN SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC595AG-R16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC595AG-R16-R Datasheet HTML 1Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 2Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 3Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 4Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 5Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 6Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 7Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
U74HC595A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-354.H
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC=2V
1.5
V
VCC=3V
2.1
V
VCC=4.5V
3.15
V
HIGH-level input voltage
VIH
VCC=6V
4.2
V
VCC=2V
0.5
V
VCC=3V
0.9
V
VCC=4.5V
1.35
V
LOW-lever output voltage
VIL
VCC=6V
1.8
V
VCC=2V, IOH=-20μA
1.9
2.0
V
VCC=4.5V, IOH=-20μA
4.4
4.5
V
VCC=6V, IOH=-20μA
5.9
6.0
V
VCC=3V, IOH=-2.4mA
2.48
V
VCC=4.5V, IOH=-6mA
3.98
V
High-Level Output Voltage, QA-QH
VOH
VCC=6V, IOH=-7.8mA
5.48
V
VCC=2V, IOL=20μA
0.002 0.1
V
VCC=4.5V, IOL=20μA
0.001 0.1
V
VCC=6V, IOL=20μA
0.001 0.1
V
VCC=3V, IOL=2.4mA
0.26
V
VCC=4.5V, IOL=6mA
0.26
V
Low-Level Output Voltage, QA-QH
VOL
VCC=6V, IOL=7.8mA
0.26
V
VCC=2V, IOH=-20μA
1.9
2.0
V
VCC=4.5V, IOH=-20μA
4.4
4.5
V
VCC=6V, IOH=-20μA
5.9
6.0
V
VCC=3V, IOH=-2.4mA
2.48
V
VCC=4.5V, IOH=-4mA
3.98
V
High-Level Output Voltage, QH
VOH
VCC=6V, IOH=-5.2mA
5.48
V
VCC=2V, IOL=20μA
0.002 0.1
V
VCC=4.5V, IOL=20μA
0.001 0.1
V
VCC=6V, IOL=20μA
0.001 0.1
V
VCC=3V, IOL=2.4mA
0.26
V
VCC=4.5V, IOL=4mA
0.26
V
Low-Level Output Voltage, QH
VOL
VCC=6V, IOL=5.2mA
0.26
V
Input Leakage Current
II(LEAK)
VCC=6V, VIN=VCC or GND
±0.1
μA
Output OFF -state current
IOZ
VCC=6V, VOUT=VCC or GND
±0.5
μA
Quiescent Supply Current
ICC
VCC=6V, VIN=VCC or GND, IOUT=0
4
μA
Input Capacitance
CIN
VCC=6V, VIN=VCC or GND
10
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com