Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC595AG-R16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC595AG-R16-R
Description  8-BIT SERIAL-IN SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC595AG-R16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC595AG-R16-R Datasheet HTML 1Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 2Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 3Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 4Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 5Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 6Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 7Page - Unisonic Technologies U74HC595AG-R16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC595A
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R502-354.H
8-BIT SERIAL-IN SHIFT
REGISTER WITH LATCHED
3-STATE PARALLEL OUTPUTS,
PROVIDING SERIAL OUTPUT
DESCRIPTION
The
UTC
74HC595A
contains
an
8-bit
register
with
asynchronous reset input and an 8-bit latch with output. The Serial
Data Input (SER) will shift into the internal shift register during every
LOW-to-HIGH transition on the Shift Clock. The latch will latch the
8-bit data from the shift register during the LOW-to-HIGH transition
on the Latch Clock. The shift register also provides a serial output.
FEATURES
* Operation Voltage Range: 2~6V
* High Noise Immunity
* Output Compatibility with CMOS and TTL
* Specified from -40 ~ +125°C
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HC595AL-D16-T
U74HC595AG-D16-T
DIP-16
Tube
U74HC595AL-S16-R
U74HC595AG-S16-R
SOP-16
Tape Reel
U74HC595AL-S16N-R
U74HC595AG-S16N-R
SOP-16N
Tape Reel
U74HC595AL-R16-R
U74HC595AG-R16-R
SSOP-16
Tape Reel
U74HC595AL-P16-R
U74HC595AG-P16-R
TSSOP-16
Tape Reel
(1) T: Tube, R: Tape Reel
(2) D16: DIP-16, S16: SOP-16, S16N: SOP-16N
R16: SSOP-16, P16: TSSOP-16
(3) G: Halogen Free and Lead Free, L: Lead Free
U74HC595AG-D16-T
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
DIP-16
SOP-16 / SOP-16N / SSOP-16 / TSSOP-16


Similar Part No. - U74HC595AG-R16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC595AG-D16-T UTC-U74HC595AG-D16-T Datasheet
244Kb / 7P
8-BIT SERIAL-IN SHIFT REGISTER
U74HC595AG-P16-R UTC-U74HC595AG-P16-R Datasheet
244Kb / 7P
8-BIT SERIAL-IN SHIFT REGISTER
U74HC595AG-S16-R UTC-U74HC595AG-S16-R Datasheet
244Kb / 7P
8-BIT SERIAL-IN SHIFT REGISTER
More results

Similar Description - U74HC595AG-R16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A_15 Datasheet
244Kb / 7P
8-BIT SERIAL-IN SHIFT REGISTER
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com