Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC595AL-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC595AL-P16-R
Description  8-BIT SERIAL-IN SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC595AL-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC595AL-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 6Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 7Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
U74HC595A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-354.H
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7.0
V
Input Clamp Current (VIN <0)
IIK
±20
mA
Output Clamp Current (VOUT <0)
IOK
±20
mA
Output Current
IOUT
±35
mA
VCC or GND Current
ICC
±75
mA
DIP-16
750
mW
SOP-16
500
mW
SOP-16N
550
mW
Power Dissipation
SSOP-16
TSSOP-16
PD
450
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
6
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
125
°C
VCC=2V
1000
ns
VCC=4.5V
500
ns
Input Transition Rise or Fall Rate
VCC=6V
∆t/∆v
400
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com