Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC595AL-P16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74HC595AL-P16-R
Description  8-BIT SERIAL-IN SHIFT REGISTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC595AL-P16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74HC595AL-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 6Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 7Page - Unisonic Technologies U74HC595AL-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
U74HC595A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-354.H
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC=2V
6
26
MHz
VCC=4.5V
30
38
MHz
Maximum clock pulse frequency
fmax
CL=50pF
VCC=6V
35
42
MHz
VCC=2V
50
140
ns
VCC=4.5V
17
28
ns
Propagation delay from input
(SRCLK) to output (QH’)
CL=50pF
VCC=6V
14
24
ns
VCC=2V
50
140
ns
VCC=4.5V
17
28
ns
CL=50pF
VCC=6V
14
24
ns
VCC=2V
60
200
ns
VCC=4.5V
22
40
ns
Propagation delay from input
(RCLK) to output (QA-QH)
tPD
CL=150pF
VCC=6V
19
34
ns
VCC=2V
51
145
ns
VCC=4.5V
18
29
ns
Propagation delay from input
( SRCLR ) to output (QH’)
tPHL
CL=50pF
VCC=6V
15
25
ns
VCC=2V
40
135
ns
VCC=4.5V
15
27
ns
CL=50pF
VCC=6V
13
23
ns
VCC=2V
70
200
ns
VCC=4.5V
23
40
ns
Propagation delay from input ( OE )
to output (QA-QH)
ten
CL=150pF
VCC=6V
19
34
ns
VCC=2V
42
150
ns
VCC=4.5V
23
30
ns
Propagation delay from input ( OE )
to output (QA-QH)
tdis
CL=50pF
VCC=6V
20
26
ns
VCC=2V
28
60
ns
VCC=4.5V
8
12
ns
CL=50pF
VCC=6V
6
10
ns
VCC=2V
45
210
ns
VCC=4.5V
17
42
ns
Propagation delay to output (QA-QH)
CL=150pF
VCC=6V
13
36
ns
VCC=2V
28
75
ns
VCC=4.5V
8
15
ns
Propagation delay to output (QH’)
tt
CL=50pF
VCC=6V
6
13
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com