Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD321 Datasheet(PDF) 1 Page - SHOUDING Shouding Semiconductor

Part # SD321
Description  Low Power Single Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD321 Datasheet(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD321 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD321 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
5-Pin SOT-23
SD321
3k Units Tape and Reel
Package
Part Number
Transport Media
SD321 is a low power, wide supply range performance op
The SD321 is available in the SOT23-5 package. Overall the
The SD321 brings performance and economy to low power
SD321
Low Power Single Op Amp
General Description
systems. With a high unity gain frequency and a guaranteed
0.4V/µs
slew
rate,
the
quiescent
current
is
only
430µA/amplifier (5V). The input common mode range in-
cludes ground and therefore the device is able to operate in
single supply applications as well as in dual supply applica-
tions. It is also capable of comfortably driving large capaci-
tive loads.
amp that can be designed into a wide range of applications
at an economical price without sacrificing valuable board
space.
Features
(V
CC =5V, TA = 25˚C. Typical values unless specified).
n
Gain-Bandwidth product
1MHz
n
Low supply current
430µA
n
Low input bias current
45nA
n
Wide supply voltage range
+3V to +32V
n
Stable with high capacitive loads
Applications
n
Chargers
n
Power supplies
n
Industrial: controls, instruments
n
Desktops
n
Communications infrastructure
Connection Diagram
SOT23-5
Top View
Application Circuit
DC Summing Amplifier
(V
IN’s ≥ 0VDC and VO ≥ VDC)
Where: V0 =V1 +V2 -V3 -V4,(V1+V2) ≥ (V3 +V4) to keep VO > 0VDC
Ordering Information
1
www.shouding.net
12.Sep.01


Similar Part No. - SD321

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD321-000-0060A WINCHESTER-SD321-000-0060A Datasheet
56Kb / 1P
DIN HIGH POWER R/A RECEPTACLE 40 AMP
More results

Similar Description - SD321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
AUK corp
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
Low Noise Single OP AMP
logo
KODENSHI_AUK CORP.
SN321 KODENSHI-SN321 Datasheet
319Kb / 7P
Low Power Single OP-AMP
logo
Tiger Electronic Co.,Lt...
LM321MF TGS-LM321MF Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
Texas Instruments
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
LOW POWER SINGLE OP AMP
LM321 UTC-LM321_17 Datasheet
227Kb / 7P
LOW POWER SINGLE OP AMP
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
logo
New Japan Radio
NJM320A NJRC-NJM320A Datasheet
751Kb / 11P
Low power single channel OP-Amp
Ver.01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com