Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178G Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
IP178G
Data Sheet
17 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
3.7
Miscellaneous setting pins
Pin No.
Label
Type
Description
Misc.
37
F_POWER_OFF
IPH/I
Force Power Off function for power saving setting pin
It should be connected to PVDD for normal operation; pull
low 3 seconds to enable Force Power Off function.
41
VLAN_DIS
IPH/O
Home VLAN setting enable setting pin.
Port 0~Port 6 are all individual VLAN and only send to port
7.
1: disable (default)
0: enable
It is an input signal during reset and its value is latched at
the end of reset. This pin acts as a F_POWER_OFF_LED
after reset
46
RSVD_GMAC_FIL
TER
IPH/O
Reserved group address filtering
It configures how to process the reserved group address,
detail see 4.2.
47
BF_STM_DIS
IPH/O
Broadcast storm protection enable
This function defined in MII register 20.1[6]
1: disable (default)
0: enable
A port begins to drop incoming packets if it receives
broadcast packets more than the threshold defined in MII
register 20.9[15:14]
It is an input signal during reset and its value is latched at
the end of reset. This pin acts as a link LED of port 3 after
reset
49
FX_DUPLEX6
IPH/O
Port 6 fiber port half duplex setting pin
1: port 6 is full duplex in fiber mode (default)
0: port 6 is half duplex in fiber mode
50
FX_DUPLEX7
IPH/O
Port 7 fiber port half duplex setting pin
1: port 7 is full duplex in fiber mode (default)
0: port 7 is half duplex in fiber mode
51
WOL_EN
IPL/O
Wake on LAN enable
1: enable
0: disable (default)
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com