Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178G Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 48Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
IP178G
Data Sheet
49 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
MII page6 register16 of PHY0 (8 PHYs share the MII register)
page
MII
R/W
Description
Default
PHY WOL+ MAC Address Register 1
6
16[15:0] R/W
WOL+ MAC Address 1
WOL+ MAC Address = {WOL+_MAC_Address_0,
WOL+_MAC_Address_1, WOL+_MAC_Address_2}
0x0000
MII page7 register16 of PHY0 (8 PHYs share the MII register)
page
MII
R/W
Description
Default
PHY WOL+ MAC Address Register 2
7
16[15:0] R/W
WOL+ MAC Address 2 (the least significant word)
WOL+ MAC Address = {WOL+_MAC_Address_0,
WOL+_MAC_Address_1, WOL+_MAC_Address_2}
0x0000
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
Example 1, Read page3 register16 (Read Data from page3 register16 of PHY address 0):
1.
Write 0.20 = 0x0003 //page3
2.
Read 0.16
//Read Data from page3 register16
3.
Write 0.20 = 0x0000 //restore to page0
Example 2, Write page3 register16 = 0x3400 (Write Data 0x3400 to page3 register16 of PHY address 0):
1.
Write 0.20 = 0x0003 //page3
2.
Write 0.16 = 0x3400 //Write Data 0x3400 to page3 register16
3.
Write 0.20 = 0x0000 //restore to page0
6.6
Register Page mode Control Register
Table 14
Page control registers table
MII register 20 of PHY0~7 (8 PHYs share the MII register)
PHY
MII
R/W
Description
Default
Page Control Register
0~7
20[4:0]
RW Reg16~31_Page_Sel[4:0]
00000
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com