Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9208M-DS-R05 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # TC9208M-DS-R05
Description  8-Port 10/100/1000 Smart Ethernet Switch
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9208M-DS-R05 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button TC9208M-DS-R05 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 17Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 18Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
TC9208M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
U18 RxData4_6
Is
GMII receive data - most significant nibble
U19 RxData4_7
Is
GMII receive data - most significant nibble
D14 Vdd 3.3
P
Digital +3.3V power supply for I/O
TxData5_7
GMII transmit data - bit 7
E19
FullBp
I/Opd
In normal operation the backpressure process is executed until flow
control condition disappears or until the time limit for backpressure is
reached. This limit is based on EEPROM’s BPTimeValue register.
When this configuration is ‘0’ the backpressure process will be also
limited from exceeding 28 consecutive collisions. The default value
(28) can be changed by EEPROM settings.
FullBp is latched on reset
TxData5_6
GMII transmit data - bit 6
E20
CarrBp
I/Opu
Enable / disable carrier based backpressure for half -duplex mode.
'1' – Carrier based backpressure
‘0' – Collision based backpressure.
CarrBp is latched on reset
TxData5_5
GMII transmit data - bit 5
F18
DisBkPr
I/Opd
Setting this pin to ‘1’ will disable backpressure procedure for all half
duplex ports. DisBkPr is latched on reset.
F19
TxData5_4
I/Opd GMII transmit data - bit 4
TxData5_3
GMII/MII transmit data - bit 3
F20
FrcFdFc
I/Opd
Setting this bit to ‘1’ will force flow control execution for 10/100Mbps,
no matter the auto negotiation result. FrcFdFc is latched on reset.
D10 Vss 3.3
G
Digital ground for I/O
TxData5_2
GMII/MII transmit data - bit 2
G20
DisFdFc
I/Opd
Setting this bit to '1' will disable flow-control for full-duplex mode
(transmission of pause frames).
DisFdFc is latched on reset.
TxData5_1
GMII/MII transmit data - bit 1
G19
PriClass5_1
I/Opd
Priority class - most significant bit.
PriClass[5] is latched on reset
TxData5_0
GMII/MII transmit data - least significant bit
G18
PriClass5_0
I/Opu
Priority class - least significant bit. Sets priority level per port basis.
PriClass[5] - '00' - port 5 low priority
PriClass[5] - '01' - port 5 has normal priority
PriClass[5] - '10' - port 5 has high priority
PriClass[5] - '11' - port 5 has very high priority
PriClass[5] is latched on reset
TxEn5
GMII/MII transmit enable
E18
DisBPBk
I/Opd
Enable / disable backoff during backpressure.
'1' – No backoff executed. Another collision will be forced again after
one minimum IFG time following previous collision if carrier
sense is observed.
'0' – The MAC randomly chooses between 0 and 1 slot times of
backoff. DisBkBp is latched on reset.
Confidential.
15/53
August 1, 2003
Copyright © 2003, IC Plus Corp.
TC9208M-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com