Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9208M-DS-R05 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # TC9208M-DS-R05
Description  8-Port 10/100/1000 Smart Ethernet Switch
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9208M-DS-R05 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button TC9208M-DS-R05 Datasheet HTML 45Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 46Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 47Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 48Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 49Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 50Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 51Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 52Page - List of Unclassifed Manufacturers TC9208M-DS-R05 Datasheet HTML 53Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
TC9208M
Preliminary Data Sheet
12 Timing Requirements
12.1
GMII / MII Receive Timing Requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Rx_Clk
Receive clock period GMII
-
8
-
ns
Rx_Clk
Receive clock period MII
-
40
-
ns
TsRx_Clk
RxDv, RxData to Rx_Clk rising setup time
2
-
-
ns
ThRx_Clk
RxDv, RxData to Rx_Clk rising hold time
0.5
-
-
ns
G MII / MII R eceive
Rx_C lk
RxDv
RxData
TsRx_Clk
T hRx_Clk
TRx_Clk
12.2
GMII / MII Transmit Timing
Symbol
Description
Min.
Typ.
Max.
Unit
TTx_Clk
Transmit clock period GMII
-
8
-
ns
TTx_Clk
Transmit clock period MII
-
40
-
ns
TdTx_Clk
Tx_En, TxData to Tx_Clk rising delay
1
-
4
ns
GMII / MII Transmit
TdTx_Clk
Tx_Clk
Tx_En
TxData
TTx_Clk
Confidential.
49/53
August 1, 2003
Copyright © 2003, IC Plus Corp.
TC9208M-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com