Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD5000 Datasheet(PDF) 18 Page - Wavelength Electronics, Inc.

Part # PLD5000
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD5000 Datasheet(HTML) 18 Page - Wavelength Electronics, Inc.

Back Button PLD5000 Datasheet HTML 13Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 14Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 15Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 16Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 17Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 18Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 19Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 20Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 21Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
© 2019
www.teamWavelength.com
18
PLD SERIES LASER DIODE DRIVER
SAFE OPERATING AREA CALCULATION
The Safe Operating Area of the PLD driver is determined by
the amount of power that can be dissipated within the output
stage of driver. If that power limit is exceeded permanent
damage can result.
!
DonotoperatethePLDdriveroutsideofthe
Safe Operating Area curve.
OperatingthePLDDriveroutsideoftheSOA
voids the warranty.
Refer to the Wavelength Electronics website for the most
up-to-date SOA calculator for our products. The on-line tool
is fast and easy to use, and also takes into consideration
operating temperature.
www.teamwavelength.com/support/design-tools/soa-ld-calculator
SOAcharts are included in this datasheet for quick reference,
however we recommend you use the on-line tools instead.
Follow these steps to determine if the driver will be operating
within the SOA.
• Refer to the laser diode datasheet to find the maximum
voltage (V
MAX) and current (IMAX) specifications
• Calculate the voltage drop across the controller:
V
DROP = VS - VMAX (VS is the power supply voltage)
• Mark V
DROP on the X-axis, and extend a line upward
• Mark I
MAX on the Y-axis, and extend a line to the right
until it intersects the V
DROP line
• On the X-axis, mark value of the V
S
• Extend a diagonal line from V
S to the intersection of the
V
DROP and IMAX lines; this is the Load Line
• If the Load Line crosses the Safe Operating Area line at
any point, the configuration is not safe
If the SOA Calculator indicates the PLD will be outside of the
Safe Operating Area, the system must be changed so that
less power is dissipated within the driver. See Wavelength
Electronics Application Note AN-LDTC01: The Principle of
the Safe Operating Area for information on shifting the Load
Line.
0.0
2.5
5.0
7.5
10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Voltage Across Wavelength Device (V)
S
O
U
O
Figure 23. SOA for PLD200
0.02.5
5.07.5
10.0 12.5 15.0 17.5 20.0 22.5 25.027.530.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Voltage Across Wavelength Device (V)
U
O
S
O
Figure 24. SOA for PLD500
0.0
2.5
5.0
7.5
10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0
0.00
0.25
0.50
0.75
1.00
1.25
Voltage Across Wavelength Device (V)
S
O
Figure 25. SOA for PLD1250
0.02.5
5.07.5
10.012.5 15.017.520.022.525.0 27.530.0
0.00
1.00
2.00
3.00
4.00
5.00
Voltage Across Wavelength Device (V)
U
O
S
O
Figure 26. SOA for PLD5000
0.02.5
5.07.5
10.012.5 15.017.520.022.525.0 27.530.0
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
6.50
Voltage Across Wavelength Device (V)
U
O
S
O
Figure 27. SOA for PLD6500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com