Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD5000 Datasheet(PDF) 6 Page - Wavelength Electronics, Inc.

Part # PLD5000
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD5000 Datasheet(HTML) 6 Page - Wavelength Electronics, Inc.

Back Button PLD5000 Datasheet HTML 2Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 3Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 4Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 5Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 6Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 7Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 8Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 9Page - Wavelength Electronics, Inc. PLD5000 Datasheet HTML 10Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
© 2019
www.teamWavelength.com
6
PLD SERIES LASER DIODE DRIVER
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
+5 V
5.0 to 5.5
VDC
Supply Voltage,
LDA High Compliance
LD Anode
3.0 to 30
VDC
Consult Safe Operating Area
calculator for supply voltages
> 5 VDC; see
page 18.
Supply Voltage, Type C Lasers
Aux V+
8.0 to 12.5
VDC
Operating Temperature Range
T
OPR
0 to 50
ºC
Storage Temperature Range
T
STG
-55 to 125
ºC
Weight
< 0.3
lbs
Size
PLD200
PLD500
PLD1250, PLD5000, PLD6500
1.52 x 2.65 x 0.81
1.52 x 2.65 x 1.10
1.52 x 2.65 x 1.82
in
38.6 mm x 67.3 mm x 20.6 mm
38.6 mm x 67.3 mm x 27.9 mm
38.6 mm x 67.3 mm x 46.3 mm
MODEL
PARAMETER
PLD200
PLD500
PLD1250
PLD5000
PLD6500
UNIT
DRIVE CURRENT OUTPUT
Max Internal power Dissipation
3
9
45
45
45
W
Max Output Current
0.2
0.5
1.25
5.01
6.51
A
Compliance Voltage
3 V max with 5 VDC power supply voltage
28 V max with 30 VDC power supply voltage
V
Short Term Stability, 1 hour
< 100
< 100
< 100
< 200
< 200
ppm
Quiescent Current
50
50
250
250
250
mA
Temperature Coefficient
< 200
ppm / ºC
Leakage Current
0
mA
PHOTODIODE FEEDBACK
High Range
50 – 5000
µA
Low Range, Type A & B Lasers Only
15 – 500
µA
Constant Power Mode Output Stability
< 0.02
%
EXTERNAL MODULATION
Analog Input Damage Threshold
(V
IN < -0.5) or VIN > (0.5 V above Supply Voltage on Pin 10)
V
Input Pin Impedance
1
MΩ
3 dB Bandwidth, Constant Current2,
max current
190
200
200
140
100
kHz
Depth of Modulation at 100 kHz3
90
%
Rise / Fall Time
5 / 3
5 / 3
5 / 3
4 / 3
12 / 5
µsec
TIMING CHARACTERISTICS4,5
Output Turn-On Delay
≥1.5
seconds
Slowstart Output On-Time
250
msec
Disable Fall Time
>100
µsec
MONITOR ACCURACY
Monitor Voltage vs. Expected Output
based on transfer function
2
% of Full Scale
1. In order to drive full current to the laser, the supply voltage may need to be increased to 5.5 V to compensate for voltage drop across the cables at high
current.
2. Modulation bandwidth in Constant Power mode will depend on the photodiode frequency response. Photodiode specifications vary widely from one
manufacturer to another, but the bandwidth in CP mode is typically 10% of the Constant Current bandwidth.
3. Peak-to-Peak output amplitude decreases as frequency increases; see figure at right.
4. See
page 17 for timing graphs.
5. See
page 16 for PLD Revision F timing characteristics.
0 mA
Full Current
100% Depth of Modulation at 10 Hz
100 %
0 %
90% Depth of Modulation at 100 kHz
90 %
95 %
5 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com