Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6404 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # MP6404
Description  TOSHIBA Power MOS FET Module Silicon N&P Channel MOS Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6404 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button MP6404 Datasheet HTML 3Page - Toshiba Semiconductor MP6404 Datasheet HTML 4Page - Toshiba Semiconductor MP6404 Datasheet HTML 5Page - Toshiba Semiconductor MP6404 Datasheet HTML 6Page - Toshiba Semiconductor MP6404 Datasheet HTML 7Page - Toshiba Semiconductor MP6404 Datasheet HTML 8Page - Toshiba Semiconductor MP6404 Datasheet HTML 9Page - Toshiba Semiconductor MP6404 Datasheet HTML 10Page - Toshiba Semiconductor MP6404 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP6404
2004-07-01
8
Pch MOS FET
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Total gate charge Qg (nC)
Dynamic Input/Output Characteristics
Case temperature Tc (°C)
Vth – Tc
0
−80
ID = −5, −2.5, −1.2 A
−2.5
−1.2
VGS = −4 V
−40
0
40
80
120
160
0.2
0.4
0.6
0.8
1.0
Common source
ID = −5 A
VGS = −10 V
Common source
Tc = 25°C
−0.1
0
0.4
0.8
1.2
1.6
2.0
−0.3
−0.5
−1
−3
−5
−10
−30
VGS = 0, 1 V
−10
−3
−1
0
−80
Common source
VDS = −10 V
ID = −1 mA
−40
0
40
80
120
160
−0.4
−0.8
−1.2
−1.6
−2.0
0
0
−10
−20
−30
−40
−50
8
16
24
32
40
0
−4
−8
−12
−16
−20
VDD = −48 V
−12
−24
VDS
VGS
Common source
ID = −5 A
Tc = 25°C
30
−0.1
−0.3
−1
−3
−10
−30
−100
50
100
300
500
1000
3000
5000
Common source
VGS = 0 V
f = 1MHz
Tc = 25°C
Ciss
Coss
Crss



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com