Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6404 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # MP6404
Description  TOSHIBA Power MOS FET Module Silicon N&P Channel MOS Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6404 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button MP6404 Datasheet HTML 3Page - Toshiba Semiconductor MP6404 Datasheet HTML 4Page - Toshiba Semiconductor MP6404 Datasheet HTML 5Page - Toshiba Semiconductor MP6404 Datasheet HTML 6Page - Toshiba Semiconductor MP6404 Datasheet HTML 7Page - Toshiba Semiconductor MP6404 Datasheet HTML 8Page - Toshiba Semiconductor MP6404 Datasheet HTML 9Page - Toshiba Semiconductor MP6404 Datasheet HTML 10Page - Toshiba Semiconductor MP6404 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP6404
2004-07-01
10
Drain-source voltage VDS (V)
Safe Operating Area
(Applicable to Nch MOS FET)
Drain-source voltage VDS (V)
Safe Operating Area
(Applicable to Pch MOS FET)
Channel temperature Tch (°C)
EAS – Tch
(Applicable to Nch MOS FET)
Channel temperature Tch (°C)
EAS – Tch
(Applicable to Pch MOS FET)
0
25
100
200
300
400
500
50
75
100
125
150
0
25
40
80
120
160
200
50
75
100
125
150
−0.1
−1
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly with
increase in temperature.
−0.3
−1
−3
−10
−30
−3
−10
−30
−100
ID max
1 ms*
100 µs*
10 ms*
10 µs*
100 ms*
0.1
1
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly with
increase in temperature.
0.3
1
3
10
30
3
10
30
100
ID max
1 ms*
100 µs*
10 ms*
10 µs*
100 ms*
Test Cirdcuit
Test Waveform
IAR
BVDSS
VDD
VDS
Peak IAR = 5 A, RG = 25 Ω
VDD = 25 V, L = 7 mH
−15 V
15 V
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
DD
VDSS
VDSS
2
AS
V
B
B
·
·L·I
2
1
Ε
Test Circuit
Test Waveform
IAR
BVDSS
VDD
VDS
Peak IAR = −5 A, RG = 25 Ω
VDD = −25 V, L = 14.84 mH
−15 V
15 V
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
DD
VDSS
VDSS
2
AS
V
B
B
·
·L·I
2
1
Ε



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com