Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001-DEV Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DWM1001-DEV
Description  DWM1001 Module Development
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DWM1001-DEV Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DWM1001-DEV Datasheet HTML 5Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 6Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DWM1001 Module Development Board Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.3
Page 9
4
THE DEVELOPMENT BOARD LEDS
The Development board has a number of LEDs for indication purposes. They give useful indication of a number
of events within the system. Figure 10 shows the LEDs and their use with PANS firmware which is pre-loaded on
DWM1001 modules.
Please note the DWM1001C modules are shipped without firmware. DWM1001-Dev integrating a DWM1001C
module must be flashed by the user. For further instruction to load a firmware
please refer to “DWM1001
Firmware Us
er Guide”.
Table 3 gives further specific details on D9, D10 and D11.
Figure 10: Front View of the DWM1001-DEV Module Development Board
Note (1): See DW1000 IC User Manual for description of D13 TX/RX LEDs
Note (2): F/W function of LEDs D9, D11, D10 is shown in the table below
Table 3: The Firmware Indication LEDs
GREEN
D9
RED
D11
BLUE
D10
Function
Description
Blink Fast
Blink Fast
Blink Fast
Bootloader Active
LEDs blink twice
Blink Fast
Blink Fast
Blink Fast
Firmware Update in Progress
LEDs alternate between Blue and
Green/Red
On
On
Mode Status
UWB Passive Mode
On
On
UWB Off Mode
Blink Fast
Blink Fast
Anchor Node (no UWB signal
detected for more than 8 s)
Blink Slow
Blink Slow
Tag Node (no UWB signal detected
for more than 8 s)
On
Tag Low Power Mode: ON
Off
Tag Low Power Mode: SLEEP
On
MAC Status
Connected anchor or tag
Blink Slow
Connected anchor initiator
Blink Fast
UWB communication detected
Off
Low Power node: no signal detected
for more than 6 s
-
On
Bluetooth Status
Bluetooth Connected
-
Off
Bluetooth Disconnected
-
On
Data / Measurement Status
UWB TX/RX Active
-
Off
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com