Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM1001-DEV Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DWM1001-DEV
Description  DWM1001 Module Development
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DWM1001-DEV Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DWM1001-DEV Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 13Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 14Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DWM1001 Module Development Board Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.3
Page 11
6
POWER SUPPLY AND BATTERY CONNECTIONS
The Power Supply takes its input from USB or from a Battery or from a connected Raspberry Pi. It powers the
module and the other devices on the Module Development Board. It can also charge a connected battery when
powered by USB or the Raspberry Pi.
The Battery Charger is a Lithium - Ion battery charger. Batteries can be connected to the module development
board at the connectors shown in Figure 12.
Figure 12: Picture of the module development board showing the battery connection points and buttons
7
BUTTONS SW1 AND SW2
There are two buttons on the PCB, SW1 and SW2. SW1 is connected to the RESETn pin on the DWM1001
module and SW2 is connected to the BT_WAKE_UP pin on the DWM1001 module. SW2 wakes up the Bluetooth
functionality when a tag is in low-power mode, as described in the System Overview document[3]. Buttons are
shown above in Figure 12.
Positive
Battery
Connection
Buttons
connected to
DWM1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com