Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

607 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 607
Description  suitable for low power AC switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

607 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  607 Datasheet HTML 1Page - List of Unclassifed Manufacturers 607 Datasheet HTML 2Page - List of Unclassifed Manufacturers 607 Datasheet HTML 3Page - List of Unclassifed Manufacturers 607 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
Z0607
1 / 4
YKKJPD-V2.1
0.8A TRIACS
MAIN FEATURES:
Symbol
Value
Unit
IT(RMS)
0.8
A
VDRM/VRRM
600
V
IGT(Q1)
5
mA
DESCRIPTION
The Z0607 is suitable for low power
AC
switching
applications, such as fan speed, small light controllers...
Thanks to low gate triggering current, it can be directly
driven by microcontrollers.
①Main Terminal 1 ②Gate ③Main Terminal 2
TO-92
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
TI=50℃
0.8
A
F=50Hz
t=20ms
9
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial=25℃)
F=60Hz
t=16.7ms
9.5
A
I
2t
I
2t Value for fusing
tp=10ms
0.45
A
2s
dI/dt
Critical rate of rise of on-state current
IG=2*IGT, tr≤100ns
F=120Hz
Tj=110℃
20
A/μs
IGM
Peak gate current
tp=20μs
Tj=110℃
1
A
PG(AV)
Average gate power dissipation
Tj=110℃
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
-40 to +110
℃
MT 2
MT 1
G
Units:mm
①
②③


Similar Part No. - 607

ManufacturerPart #DatasheetDescription
logo
NYLENE
607 NYLENE-607 Datasheet
462Kb / 2P
Extrusion
logo
Abbatron All Rights Res...
607 ABBATRON-607 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Laird Tech Smart Techno...
607 LSTD-607 Datasheet
223Kb / 2P
Tputty™ 607 High Performance Dispensable Gap Filler
FEATURES AND BENEFITS
logo
EAO AG.
607-0000-00 EAO-607-0000-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
607-0000-0P EAO-607-0000-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 607

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z00607MA2BL2 STMICROELECTRONICS-Z00607MA2BL2 Datasheet
53Kb / 6P
The Z00607MA is suitable for low power AC switching applications such as fan speed small light controllers
21-Jun-2005
logo
IP SEMICONDUCTOR CO., L...
IPT0106-XXU IPS-IPT0106-XXU Datasheet
493Kb / 4P
suitable for low power AC Switching application
IPT0108-XXU IPS-IPT0108-XXU Datasheet
493Kb / 4P
suitable for low power AC Switching application
logo
STMicroelectronics
STEVAL-ISA011V1 STMICROELECTRONICS-STEVAL-ISA011V1 Datasheet
95Kb / 4P
VIPER12ADIP-E low power AC/DC adapter demonstration board (suitable for the STEVAL-ILL002V1)
23-Sep-2010
logo
Wall Industries,Inc.
PSSBU120 WALL-PSSBU120 Datasheet
115Kb / 3P
AC/DC Switching Power Supply for I.T.E.
logo
Panasonic Semiconductor
ELJ-PB151KF PANASONIC-ELJ-PB151KF Datasheet
220Kb / 10P
Low DCR and large current capability, suitable for power circuitry.
logo
SemiHow Co.,Ltd.
KSD13003ER SEMIHOW-KSD13003ER Datasheet
553Kb / 5P
Suitable for Switching regulator, Inverters motor controls
KSX741 SEMIHOW-KSX741 Datasheet
125Kb / 5P
Suitable for switching regulator
KSX13005A SEMIHOW-KSX13005A Datasheet
263Kb / 12P
Suitable for switching regulator
logo
Asahi Kasei Microsystem...
AP1155ADL AKM-AP1155ADL Datasheet
705Kb / 23P
Suitable for High Power application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com